Part Number Hot Search : 
L2120172 MX29LV BUW13 NX33SA 7950K12 HVRW2 101M35V8 786153
Product Description
Full Text Search
 

To Download DDT-CRS-S2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dominant semiconductors 26/12/03 domiled ingan ddx-xrx - catalogue-v2.doc page 1 of 1 ? high brightness surface mount led. ? based on ingan technology. ? 120 viewing angle. ? small package outline (lxwxh) of 2.8 x 3.2 x 1.8 mm. ? qualified according to jedec moisture sensitivity level 2. ? compatible to both ir reflow soldering and ttw soldering. domiled ingan ? reverse gull-wing
dominant semiconductors 26/12/03 domiled ingan ddx-xrx - catalogue-v2.doc page 2 of 2 part ordering number chip technology / color viewing angle luminous intensity @ if = 20ma iv ( mcd ) ddb-crs-pq2-1 ? ddb-crs-p1 ? ddb-crs-p2 ? ddb-crs-q1 ? ddb-crs-q2 ddb-srs-qr2-1 ? ddb-srs-q1 ? ddb-srs-q2 ? ddb-srs-r1 ? ddb-srs-r2 ddb-urs-rs1-1 ? ddb-urs-r1 ? ddb-urs-r2 ? ddb-urs-s1 ingan / blue, 470 nm 120 45.0 ? 112.5 45.0 ? 56.0 56.0 ? 71.5 71.5 ? 90.0 90.0 ? 112.5 71.5 ? 180.0 71.5 ? 90.0 90.0 ? 112.5 112.5 ? 140.0 140.0 ? 180.0 112.5 ? 224.0 112.5 ? 140.0 140.0 ? 180.0 180.0 ? 224.0 ddc-crs-rs2-1 ? ddc-crs-r1 ? ddc-crs-r2 ? ddc-crs-s1 ? ddc-crs-s2 ddc-srs-st2-1 ? ddc-srs-s1 ? ddc-srs-s2 ? ddc-srs-t1 ? ddc-srs-t2 ingan / cyan, 505 nm 120 112.5 ? 285.0 112.5 ? 140.0 140.0 ? 180.0 180.0 ? 224.0 224.0 ? 285.0 180.0 ? 450.0 180.0 ? 224.0 224.0 ? 285.0 285.0 ? 355.0 355.0 ? 450.0 ddt-crs-rs2-1 ? ddt-crs-r1 ? ddt-crs-r2 ? ddt-crs-s1 ? DDT-CRS-S2 ddt-srs-st2-1 ? ddt-srs-s1 ? ddt-srs-s2 ? ddt-srs-t1 ? ddt-srs-t2 ddt-urs-tu2-1 ? ddt-urs-t1 ? ddt-urs-t2 ? ddt-urs-u1 ? ddt-urs-u2 ingan / true green, 525 nm 120 112.5 ? 285.0 112.5 ? 140.0 140.0 ? 180.0 180.0 ? 224.0 224.0 ? 285.0 180.0 ? 450.0 180.0 ? 224.0 224.0 ? 285.0 285.0 ? 355.0 355.0 ? 450.0 285.0 ? 715.0 285.0 ? 355.0 355.0 ? 450.0 450.0 ? 560.0 560.0 ? 715.0
dominant semiconductors 26/12/03 domiled ingan ddx-xrx - catalogue-v2.doc page 3 of 3 part ordering number chip technology / color viewing angle luminous intensity @ if = 20ma iv ( mcd ) ddw-crd-rs2-1 ? ddw-crd-r1 ? ddw-crd-r2 ? ddw-crd-s1 ? ddw-crd-s2 ddw-crd-st1-1 ? ddw-crd-s1 ? ddw-crd-s2 ? ddw-crd-t1 ddw-srd-st2-1 ? ddw-srd-s1 ? ddw-srd-s2 ? ddw-srd-t1 ? ddw-srd-t2 ddw-urd-tu2-1 ? ddw-urd-t1 ? ddw-urd-t2 ? ddw-urd-u1 ? ddw-urd-u2 ddw-urd-uv1-1 ? ddw-urd-u1 ? ddw-urd-u2 ? ddw-urd-v1 ingan / white 120 112.5 ? 285.0 112.5 ? 140.0 140.0 ? 180.0 180.0 ? 224.0 224.0 ? 285.0 180.0 ? 355.0 180.0 ? 224.0 224.0 ? 285.0 285.0 ? 355.0 180.0 ? 450.0 180.0 ? 224.0 224.0 ? 285.0 285.0 ? 355.0 355.0 ? 450.0 285.0 ? 715.0 285.0 ? 355.0 355.0 ? 450.0 450.0 ? 560.0 560.0 ? 715.0 450.0 ? 900.0 450.0 ? 560.0 560.0 ? 715.0 715.0 ? 900.0 note: 1. all part number above comes in a quantity of 2000 units per reel. 2. other luminous intensity groups are also available upon request. 3. luminous intensity is measured with an accuracy of 11%. 4. wavelength binning is carried for all units as per the wavelength-binning table. only one wavelength group is allowed for each reel. 5. an optional vf binning is also available upon request. binning scheme is as per following table.
dominant semiconductors 26/12/03 domiled ingan ddx-xrx - catalogue-v2.doc page 4 of 4 wavelength grouping. color group wavelength distribution (nm) ddb; blue full w x y 464 - 476 464 - 468 468 - 472 472 - 476 ddc; cyan full w x y 499 - 511 499 - 503 503 - 507 507 - 511 ddt; true green full w x y z 520 - 536 520 - 524 524 - 528 528 - 532 532 - 536 dominant wavelength is measured with an accuracy of 1 nm. ddw, white color grouping dominant white bin structure 0.24 0.25 0.26 0.27 0.28 0.29 0.30 0.31 0.32 0.33 0.34 0.35 0.36 0.37 0.38 0.39 0.40 0.41 0.42 0.43 0.27 0. 28 0.29 0.30 0. 31 0.32 0.33 0. 34 0.35 0. 36 c3 c2 a2 e2 c1 c4 a1 a4 a3 e1 e4 e3
dominant semiconductors 26/12/03 domiled ingan ddx-xrx - catalogue-v2.doc page 5 of 5 chromaticity coordinate groups are measured with an accuracy of 0.01. bin w bin x a1 cx 0.2775 0.2900 0.2900 0.2775 e1 cx 0.3275 0.3400 0.3400 0.3275 cy 0.2732 0.2939 0.3114 0.2907 cy 0.3561 0.3768 0.3943 0.3736 a2 cx 0.2775 0.2900 0.2900 0.2775 e2 cx 0.3275 0.3400 0.3400 0.3275 cy 0.2557 0.2764 0.2939 0.2732 cy 0.3386 0.3593 0.3768 0.3561 a3 cx 0.2900 0.3025 0.3025 0.2900 e3 cx 0.3400 0.3525 0.3525 0.3400 cy 0.2939 0.3146 0.3321 0.3114 cy 0.3768 0.3975 0.4150 0.3943 a4 cx 0.2900 0.3025 0.3025 0.2900 e4 cx 0.3400 0.3525 0.3525 0.3400 cy 0.2764 0.2971 0.3146 0.2939 cy 0.3593 0.3800 0.3975 0.3768 c1 cx 0.3025 0.3150 0.3150 0.3025 cy 0.3146 0.3354 0.3529 0.3321 c2 cx 0.3025 0.3150 0.3150 0.3025 cy 0.2971 0.3179 0.3354 0.3146 c3 cx 0.3150 0.3275 0.3275 0.3150 cy 0.3354 0.3561 0.3736 0.3529 c4 cx 0.3150 0.3275 0.3275 0.3150 cy 0.3179 0.3386 0.3561 0.3354 vf binning. vf bin @ 20ma forward voltage (v) standard 3.35 ? 4.25 01 3.35 ? 3.65 02 3.65 ? 3.95 03 3.95 ? 4.25 forward voltage, vf is measured with an accuracy of 0.1 v. absolute maximum ratings. maximum value unit dc forward current. 20 ma peak pulse current; (tp 10 s, duty cycle = 0.005) 200 ma reverse voltage. 5 v led junction temperature. 125 c operating temperature. -40 ? +100 c storage temperature. -40 ? +100 c power dissipation ( at room temperature ) 85 mw
dominant semiconductors 26/12/03 domiled ingan ddx-xrx - catalogue-v2.doc page 6 of 6 recommended solder pad
dominant semiconductors 26/12/03 domiled ingan ddx-xrx - catalogue-v2.doc page 7 of 7 relative luminous intensity vs. forward current. forward current vs. forward voltage. radiation pattern. maximum forward current vs. temperature. relative intensity vs. wavelength dominant wavelength vs. forward current relative spectral emission 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 400 450 500 550 600 650 700 750 800 wavelength (nm) relative intensity white blue true green intensity vs. dc forward current 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 0 1020304050 forward current (ma) relative intensity. normalized at 20 ma. 0.2 70 90 80 0 60 50 40 30 20 0.6 0.4 1.0 0.8 10 0 0 5 10 15 20 25 10 20 30 40 50 60 70 80 90 100 ambient temperature forward current, if dominant wavelength vs. forward current 468 469 470 471 472 473 474 475 476 0 5 10 15 20 25 30 if (ma) dom. wl (nm) 520 522 524 526 528 530 532 534 536 538 540 true green blue forward current (ma) vs. forward voltage 0 5 10 15 20 25 30 35 40 1 1.5 2 2.5 3 3.5 4 4.5 5 forward voltage (v) forward current (ma)
dominant semiconductors 26/12/03 domiled ingan ddx-xrx - catalogue-v2.doc page 8 of 8 taping and orientation. reels come in quantity of 8000 units or 2000 units. reel diameters are 330 mm and 180 mm respectively.
dominant semiconductors 26/12/03 domiled ingan ddx-xrx - catalogue-v2.doc page 9 of 9 recommended sn-pb ir-reflow soldering profile. classification reflow profile (jedec j-std-020c) 25 50 75 100 125 150 175 200 225 250 275 0 50 100 150 200 time (sec) temperature ( o c) preheat 60-120s 183 o c 60-150s ramp-up 3 o c/sec max. ramp-down 6 o c/sec max. 235-240 o c 10-30s 360s max recommended pb free ir-reflow soldering profile. classification reflow profile (jedec j-std-020c) 25 50 75 100 125 150 175 200 225 250 275 300 0 50 100 150 200 time (sec) temperature ( o c) preheat 60-180s 217 o c 60-150s ramp-up 3 o c/sec max. ramp-down 6 o c/sec max. 260-255 o c 10 - 30s 480s max
dominant semiconductors 26/12/03 domiled ingan ddx-xrx - catalogue-v2.doc page 10 of 10 note. all the information published is considered to be reliable. however, dominant semiconductors does not assume any liability arising out of the application or use of any product described herein. dominant semiconductors reserves the right to make changes at any time without notice to any products in order to improv e reliability, function or design. dominant semiconductors products are not authorized for use as critical components in life support devices or systems without the express written approval from the managing director of dominant semiconductors.


▲Up To Search▲   

 
Price & Availability of DDT-CRS-S2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X